Electronic Components Datasheet Search
  English  ▼

X  

LM5007MM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5007MM
Description  High Voltage 80-V Step Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5007MM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5007MM Datasheet HTML 9Page - Texas Instruments LM5007MM Datasheet HTML 10Page - Texas Instruments LM5007MM Datasheet HTML 11Page - Texas Instruments LM5007MM Datasheet HTML 12Page - Texas Instruments LM5007MM Datasheet HTML 13Page - Texas Instruments LM5007MM Datasheet HTML 14Page - Texas Instruments LM5007MM Datasheet HTML 15Page - Texas Instruments LM5007MM Datasheet HTML 16Page - Texas Instruments LM5007MM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
4
8
3
6
5
1
2
CVCC
7
LM5007
VCC
FB
SW
BST
VIN
RCL
RTN
RON
RCL
CIN
COUT
Shutdown
Rr
VIN
12V-75V
VOUT
CBST
L1
D1
RON
RFB2
RFB1
200
NŸ
CBYP
100
NŸ
0.01µF
100µH
1µF
0.1µF
0.1µF
3.01
NŸ
1
NŸ
15µF
1
Ÿ
LM5007
www.ti.com
SNVS252G – SEPTEMBER 2003 – REVISED NOVEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM5007 is a step down converter DC-DC converter. The LM5007 device is step-down DC-DC converter.
The device is typically used to convert a higher DC voltage to a lower DC voltage with a maximum available
output current of 500 mA. Use the following design procedure to select component values for the LM5007 device.
Alternately, use the WEBENCH® software to generate a complete design. The WEBENCH software uses an
iterative design procedure and accesses a comprehensive database of components when generating a design.
This section presents a simplified discussion of the design process.
8.2 Typical Application
The application schematic of an LM5007 based buck converter is shown in Figure 7. For an output voltage
(VOUT) above the maximum regulation threshold of VCC (see Electrical Characteristics), the VCC pin can be
supplied from VOUT through a diode for higher efficiency and lower power dissipation in the IC.
Figure 7. 12-V to 75-V Input and 10-V, 400-mA Output Buck Converter
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETERS
VALUE
Input Voltage
15 V to 75 V
Output Voltage
10 V
Maximum Output Current
400 mA
Nominal Switching Frequency
380 kHz
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com