Electronic Components Datasheet Search
  English  ▼

X  

HMC258 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC258
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 14 - 21 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC258 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC258 Datasheet HTML 1Page - Hittite Microwave Corporation HMC258 Datasheet HTML 2Page - Hittite Microwave Corporation HMC258 Datasheet HTML 3Page - Hittite Microwave Corporation HMC258 Datasheet HTML 4Page - Hittite Microwave Corporation HMC258 Datasheet HTML 5Page - Hittite Microwave Corporation HMC258 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
5 - 39
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
-25
-20
-15
-10
-5
0
13
14
15
16
17
18
19
20
21
22
23
RF FREQUENCY (GHz)
+85 C
-55 C
+25 C
-60
-50
-40
-30
-20
-10
0
13
14
15
16
17
18
19
20
21
22
23
RF FREQUENCY (GHz)
RF/IF
LO/IF
LO/RF
2LO/RF
2LO/IF
Conversion Gain vs.
Temperature @ LO = 0 dBm
-25
-20
-15
-10
-5
0
13
14
15
16
17
18
19
20
21
22
23
RF FREQUENCY (GHz)
-2 dBm
-4 dBm
+2 dBm
+4 dBm
0 dBm
v01.0801
Upconverter Performance
Conversion Gain vs. LO Drive
Return Loss @ LO = 0 dBm
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
1012
14
1618
2022
FREQUENCY (GHz)
LO
RF
IF
HMC258
Isolation @ LO = 0 dBm
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 14 - 21 GHz
Conversion Gain vs. LO Drive
IF Bandwidth @ LO = 0 dBm
-25
-20
-15
-10
-5
0
01
2
3
4
5
6
IF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
13
14
15
16
17
18
19
20
21
22
23
RF FREQUENCY (GHz)
-4 dBm
0 dBm
-2 dBm
+2 dBm
+4 dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com