Electronic Components Datasheet Search
  English  ▼

X  

HMC263 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC263
Description  GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC263 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC263 Datasheet HTML 1Page - Hittite Microwave Corporation HMC263 Datasheet HTML 2Page - Hittite Microwave Corporation HMC263 Datasheet HTML 3Page - Hittite Microwave Corporation HMC263 Datasheet HTML 4Page - Hittite Microwave Corporation HMC263 Datasheet HTML 5Page - Hittite Microwave Corporation HMC263 Datasheet HTML 6Page - Hittite Microwave Corporation HMC263 Datasheet HTML 7Page - Hittite Microwave Corporation HMC263 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
1 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
Outline Drawing
Absolute Maximum Ratings
NOTES:
1. ALL DIMENSIONS IN INCHES (MILLIMETERS)
2. ALL TOLERANCES ARE ±0.001 (0.025)
3. DIE THICKNESS IS 0.004 (0.100) BACKSIDE IS GROUND
4. BOND PADS ARE 0.004 (0.100) SQUARE
5. BOND PAD SPACING, CTR-CTR: 0.006 (0.150)
6. BACKSIDE METALLIZATION: GOLD
7. BOND PAD METALLIZATION: GOLD
HMC263
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 36 GHz
v02.0701
Drain Bias Voltage (Vdd1, Vdd2)
+5.5 Vdc
RF Input Power (RFin)(Vdd = +3.0 Vdc)
-5 dBm
Channel Temperature
175 °C
Continuous Pdiss (T = 85 °C)
(derate 7.69 mW/°C above 85 °C)
0.692 W
Thermal Resistance
(channel to die bottom)
130 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com