Electronic Components Datasheet Search
  English  ▼

X  

HMC264LM3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC264LM3
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC264LM3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC264LM3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC264LM3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC264LM3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC264LM3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC264LM3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC264LM3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC264LM3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC264LM3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
12 - 89
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
GaAs MMIC SUB-HARMONIC
SMT MIXER, 20 - 30 GHz
v01.1201
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
RF
LO
IF FREQUENCY (GHz)
RF & LO Return Loss
@ LO = -4 dBm, Vdd = +4V
-25
-20
-15
-10
-5
0
012
3
456
78
9
10
IF FREQUENCY (GHz)
IF Return Loss
@ LO = -4 dBm, Vdd = +4V
-25
-20
-15
-10
-5
0
01
2
3
456
7
89
10
Vdd = +3V
Vdd = +4V
IF FREQUENCY (GHz)
Upconverter Performance
Conversion Gain, LO = -4 dBm Vdd = +4V
-25
-20
-15
-10
-5
0
18
20
22
24
26
28
30
32
34
Vdd = +3V
Vdd = +4V
RF FREQUENCY (GHz)
IF Bandwidth @ LO = -4 dBm
HMC264LM3
Absolute Maximum Ratings
MxN Spurious Outputs
@ LO = -4 dBm, Vdd = +4V
nLO
mRF
±5
±4
±3
±2
±1
0
-3
-2
34.8
-1
61.8
26.1
32.6
0
14.1
-26.9
1
X
33.8
12.3
2
49.0
48.1
3
78.8
81.3
RF = 30 GHz @ -10 dBm
LO = 13.5 GHz @ -4 dBm
All values in dBc below IF power level.
RF / IF Input (Vdd = +5V)
+13 dBm
LO Drive (Vdd = +5V)
+13 dBm
Vdd
5.5V
Continuous Pdiss (Ta = 85 °C)
(derate 2.52 mW/°C above 85 °C)
227 mW
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com