Electronic Components Datasheet Search
  English  ▼

X  

HMC265LM3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC265LM3
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC265LM3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC265LM3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC265LM3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MICROWAVE CORPORATION
12 - 96
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
GaAs MMIC SUB-HARMONIC
SMT MIXER, 20 - 31 GHz
v01.1201
0
4
8
12
16
20
18
20
22
24
26
28
30
32
34
RF FREQUENCY (GHz)
-4 dBm
-6 dBm
-2 dBm
-5
-4
-3
-2
-1
0
1
2
3
4
5
18
20
22
24
26
28
30
32
34
RF FREQUENCY (GHz)
Input IP3 vs. LO Drive @ Vdd = +4V *
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
5
10
15
20
25
30
35
RF
LO
FREQUENCY (GHz)
RF & LO Return Loss
@ LO = -4 dBm, Vdd = +4V
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
01
2
3
4
5
6
IF FREQUENCY (GHz)
IF Return Loss
@ LO = -4 dBm, Vdd = +4V
Input P1dB @ LO = -4 dBm, Vdd = +4V
-20
-15
-10
-5
0
5
10
01
2
3
4
5
6
Vdd = +3V
Vdd = +4V
IF FREQUENCY (GHz)
IF Bandwidth @ LO = -4 dBm
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
HMC265LM3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com