Electronic Components Datasheet Search
  English  ▼

X  

CJ1012-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CJ1012-G
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CJ1012-G Datasheet(HTML) 1 Page - Comchip Technology

  CJ1012-G Datasheet HTML 1Page - Comchip Technology CJ1012-G Datasheet HTML 2Page - Comchip Technology CJ1012-G Datasheet HTML 3Page - Comchip Technology CJ1012-G Datasheet HTML 4Page - Comchip Technology CJ1012-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOSFET
RoHS Device
Page 1
REV:A
Mechanical data
- Case: SOT-323, molded plastic.
- Terminals: Solderable per MIL-STD-750,
method 2026.
CJ1012-G
QW-BTR44
Comchip Technology CO., LTD.
Drain-source voltage
Gate-source voltage
Drain current-continuous
Power dissipation (note2, TA=25°C)
Junction temperature
Storage temperature
Unit
Symbol
Parameter
VDSS
VGS
ID(DC)
PD
RθJA
TJ
TSTG
Value
20
±12
500
150
833
150
-55 to +150
V
V
mA
mW
°C/W
°C
°C
Thermal resistance from junction to ambient
Drain Current-pulsed (note1)
IDM(pulse)
1000
Company reserves the right to improve product design , functions and reliability without notice.
N-Channel
Features
- High-Side Switching.
- Low On-Resistance.
- Low Threshold.
- Fast Switching Speed.
- ESD protected up to 2KV.
Dimensions in inches and (millimeter)
SOT-523
Circuit Diagram
G : Gate
S : Source
D : Drain
D
G
S
Maximum Rating (at Ta=25°C unless otherwise noted)
1
3
2
3
1
2
0.067(1.70)
0.059(1.50)
0.035(0.90)
0.028(0.70)
0.043(1.10)
0.035(0.90)
0.031(0.80)
0.028(0.70)
0.010(0.25)
0.006(0.15)
0.008(0.20)
0.004(0.10)
0.069(1.75)
0.057(1.45)
0.004(0.10) max
0.010(0.26)
0.018(0.46)
0.014(0.35)
0.010(0.25)
0.020(0.50)TYP.
Max. Power dissipation (note3, TC=25°C)
275
RθJC
455
°C/W
Thermal resistance from junction to case
mA


Similar Part No. - CJ1012-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CJ1012-HF COMCHIP-CJ1012-HF Datasheet
487Kb / 5P
MOSFET
REV:B
More results

Similar Description - CJ1012-G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com