Electronic Components Datasheet Search
  English  ▼

X  

MASW-008322 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008322
Description  GaAs SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008322 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-008322 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-008322 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GaAs SPDT Switch
DC - 20 GHz
Rev. V3
MASW-008322
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves
Isolation
Insertion Loss
Return Loss
P1dB
-60
-50
-40
-30
-20
-10
0
5
10
15
20
RF1
RF2
Frequency (GHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
RF1
RF2
RFC
Frequency (GHz)
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
5
10
15
20
RF1
RF2
Frequency (GHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0
5
10
15
20
25
30
35
18 GHz
Input Power (dBm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com