Electronic Components Datasheet Search
  English  ▼

X  

TLP265J Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP265J
Description  Photocouplers GaAs Infrared LED and Photo Triac
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP265J Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP265J Datasheet HTML 1Page - Toshiba Semiconductor TLP265J Datasheet HTML 2Page - Toshiba Semiconductor TLP265J Datasheet HTML 3Page - Toshiba Semiconductor TLP265J Datasheet HTML 4Page - Toshiba Semiconductor TLP265J Datasheet HTML 5Page - Toshiba Semiconductor TLP265J Datasheet HTML 6Page - Toshiba Semiconductor TLP265J Datasheet HTML 7Page - Toshiba Semiconductor TLP265J Datasheet HTML 8Page - Toshiba Semiconductor TLP265J Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLP265J
1
Photocouplers GaAs Infrared LED & Photo Triac
TLP265J
TLP265J
TLP265J
TLP265J
Start of commercial production
2012-11
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Triac Drivers
•
Programmable Logic Controllers (PLCs)
•
AC-Output Modules
•
Solid-State Relays
2.
2.
2.
2. General
General
General
General
The TLP265J consists of a non zero crossing photo triac, optically coupled to a gallium arsenide infrared emitting
diode. The TLP265J is housed in the SO6 package and guarantees a creepage distance of 5.0 mm (min), a clearance
of 5.0 mm (min) and insulation thickness of 0.4 mm (min). Therefore, the TLP265J meets the reinforced insulation
class requirements of international safety standards.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Peak off-state voltage: 600 V (min)
(2)
Non zero crossing functionary (NZC)
(3)
Trigger LED current: 10 mA (max)
(4)
On-state current: 70 mA (max)
(5)
Isolation voltage: 3750 Vrms (min)
(6)
Safety standards
UL-approved: UL1577 File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A, File No.E67349
VDE-approved: Option (V4) EN60747-5-5 (Note)
(Note)
(Note)
(Note)
Maximum operating insulation voltage: 707 Vpeak
Highest permissible overvoltage: 6000 Vpeak
Note:
When an EN60747-5-5 approved type is needed, please designate the Option (V4)
Option (V4)
Option (V4)
Option (V4).
Table
Table
Table
Table
Trigger LED Current (Note) (Unless otherwise specified, T
Trigger LED Current (Note) (Unless otherwise specified, T
Trigger LED Current (Note) (Unless otherwise specified, T
Trigger LED Current (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Rank
None
(IFT7)
IFT Rank
Marking
10
7
Test Condition
VT = 6 V
VT = 6 V
Trigger LED Current IFT
(min)
Trigger LED Current IFT
(max)
10
7
Unit
mA
Note:
Specify both the part number and a rank in this format when ordering.
Example: TLP265J (IFT7)
For safety standard certification, however, specify the part number alone.
Example: TLP265J
2015-03-13
Rev.6.0


Similar Part No. - TLP265J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
TOSHIBA Photocoupler GaALAs Ired & Photo-IC
TLP2601 TOSHIBA-TLP2601 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP2601 TOSHIBA-TLP2601_07 Datasheet
229Kb / 9P
Simplex / Multiplex Data Transmission
TLP260J TOSHIBA-TLP260J Datasheet
96Kb / 4P
TOSHIBA Photocoupler GaAs IRED&Photo-triac
17-Jan-2002
TLP260J TOSHIBA-TLP260J Datasheet
199Kb / 6P
GaAs IRED Photo-Triac
More results

Similar Description - TLP265J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP266J TOSHIBA-TLP266J_15 Datasheet
410Kb / 13P
Photocouplers GaAs Infrared LED and Photo Triac
TLP267J TOSHIBA-TLP267J Datasheet
371Kb / 13P
Photocouplers GaAs Infrared LED and Photo Triac
TLP268J TOSHIBA-TLP268J Datasheet
403Kb / 13P
Photocouplers GaAs Infrared LED and Photo Triac
TLP665L TOSHIBA-TLP665L Datasheet
541Kb / 18P
Photocouplers GaAs Infrared LED and Photo Triac
TLP3073 TOSHIBA-TLP3073 Datasheet
473Kb / 19P
Photocouplers GaAs Infrared LED and Photo Triac
TLP3083 TOSHIBA-TLP3083 Datasheet
498Kb / 19P
Photocouplers GaAs Infrared LED and Photo Triac
TLP183 TOSHIBA-TLP183 Datasheet
659Kb / 15P
Photocouplers Infrared LED & Photo Transistor
TLP2704 TOSHIBA-TLP2704 Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2019-11-29 Rev.9.0
TLP5231 TOSHIBA-TLP5231 Datasheet
1Mb / 30P
Photocouplers Infrared LED & Photo IC
2020-03-02 Rev.2.0
TLP5752H TOSHIBA-TLP5752H Datasheet
1Mb / 18P
Photocouplers Infrared LED & Photo IC
2020-09-01 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com