Electronic Components Datasheet Search
  English  ▼

X  

TLP591B Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP591B
Description  TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP591B Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP591B_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP591B_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP591B_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP591B_14 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLP591B
2014-09-01
2
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Forward current
IF
―
20
25
mA
Operating temperature
Topr
−25
―
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device.
Additionally, each item is an independent guideline respectively. In developing designs using this product, please
confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.2
1.4
1.7
V
Reverse current
IR
VR = 3 V
—
—
10
μA
Capacitance
CT
V = 0V, f = 1 MHz
—
30
60
pF
Forward voltage
VFD
IFD = 10 μA
—
7
—
V
Reverse current
IRD
VRD = 10 V
—
7
—
μA
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Open voltage
VOC
IF = 20 mA
7
8
—
V
Short Current
ISC
IF = 20 mA
24
40
—
μA
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance (input to output)
CS
VS = 0V, f = 1 MHz
—
0.8
—
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5×10
10
10
14
—
Ω
Isolation voltage
BVS
AC, 1 minute
2500
—
—
Vrms
AC, 1 second, in oil
—
5000
—
DC, 1 minute, in oil
—
5000
—
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn
−on time
tON
IF = 20 mA, CL = 1000 pF
(Note 2)
—
0.2
—
ms
Turn
−off time
tOFF
—
3
—
ms
(Note 2)
Switching time test circuit
IF
tOFF
tON
VOUT
1 V
5 V
0 V
VOUT
CL
IF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com