Electronic Components Datasheet Search
  English  ▼

X  

TLP3073 Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TLP3073
Description  Photocouplers GaAs Infrared LED and Photo Triac
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3073 Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TLP3073 Datasheet HTML 11Page - Toshiba Semiconductor TLP3073 Datasheet HTML 12Page - Toshiba Semiconductor TLP3073 Datasheet HTML 13Page - Toshiba Semiconductor TLP3073 Datasheet HTML 14Page - Toshiba Semiconductor TLP3073 Datasheet HTML 15Page - Toshiba Semiconductor TLP3073 Datasheet HTML 16Page - Toshiba Semiconductor TLP3073 Datasheet HTML 17Page - Toshiba Semiconductor TLP3073 Datasheet HTML 18Page - Toshiba Semiconductor TLP3073 Datasheet HTML 19Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
TLP3073,TLP3073F
18
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
TLP3073F(LF4,TP4)
Weight: 0.39 g (typ.)
Package Name(s)
TOSHIBA: 11-7A1004S
2016-02-03
Rev.4.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com