Electronic Components Datasheet Search
  English  ▼

X  

HMC285 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC285
Description  GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC285 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC285 Datasheet HTML 1Page - Hittite Microwave Corporation HMC285 Datasheet HTML 2Page - Hittite Microwave Corporation HMC285 Datasheet HTML 3Page - Hittite Microwave Corporation HMC285 Datasheet HTML 4Page - Hittite Microwave Corporation HMC285 Datasheet HTML 5Page - Hittite Microwave Corporation HMC285 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
12 - 110
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
v00.0700
HMC285
MxN Spurious Outputs
15
16
17
18
19
20
21
22
23
24
25
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
FREQUENCY (GHz)
+13 dBm
+10 dBm
+7 dBm
15
16
17
18
19
20
21
22
23
24
25
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
FREQUENCY (GHz)
+85 C
+25 C
-40 C
Input IP3 vs. LO Drive
Input IP3 vs.
Temperature @ LO = +10 dBm
Input IP2 vs. LO Drive
20
30
40
50
60
70
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
FREQUENCY (GHz)
+13 dBm
+7 dBm
+10 dBm
P1dB vs.
Temperature @ LO = +10 dBm
Harmonics of LO
5
6
7
8
9
10
11
12
13
14
15
1
1.3
1.5
1.8
2
2.2
2.5
2.7
3
FREQUENCY (GHz)
+85 C
+25 C
-40 C
GaAs MMIC SMT SINGLE
BALANCED MIXER, 1.7 - 3.5 GHz
nLO
mRF
01234
0
xx
-12.4
1
1
33
1
10
0
38
23
43
2
5960614362
3
>110
87
90
80
88
4
>110
>110
>110
>110
>110
RF = 2.6 GHz @ -10 dBm
LO = 2.2 GHz @ +10 dBm
All values in dBc relative to the IF
nLO Spur at RF Port
LO Frequency (GHz)
1
2
3
4
1.5
42
17
47
47
1.7
39
16
41
44
1.9
39
15
37
44
2.1
47
16
35
45
2.3
36
18
32
48
2.5
30
21
32
50
LO = +10 dBm
Values in dBc below input LO level measured at the RF port



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com