Electronic Components Datasheet Search
  English  ▼

X  

NPA1008 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1008
Description  GaN on Si HEMT D-Mode Integrated Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1008 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  NPA1008 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPA1008 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPA1008 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1008 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1008 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1008 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1008 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1008 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPA1008 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GaN Wideband Power Amplifier, 28 V, 5 W
20 - 2700 MHz
Rev. V3
NPA1008
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
DC Electrical Specifications: TC = 25°C
RF Electrical Specifications: TC = 25 °C , VDS = 28 V, IDQ = 88 mA
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Units
Drain-Source Leakage Current
VGS = -8 V, VDS = 100 V
IDLK
-
4
-
mA
Gate-Source Leakage Current
VGS = -8 V, VDS = 0 V
IGLK
-
2
-
mA
Gate Threshold Voltage
VDS = 28 V, ID = 4 mA
VT
-2.5
-1.5
-0.5
V
Gate Quiescent Voltage
VDS = 28 V, ID = 88 mA
VGSQ
-2.1
-1.2
-0.3
V
On Resistance
VDS = 2 V, ID = 45 mA
RON
-
1.2
-
Ω
Saturated Drain Current
VDS = 7 V pulsed, pulse width 300 µs
ID(SAT)
-
2.3
-
A
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Units
Small Signal Gain
CW, 1900 MHz
GSS
-
15.6
-
dB
Gain
CW, POUT = 37 dBm, 1900 MHz
GP
10.5
12.0
-
dB
Saturated Output Power
CW, 1900 MHz
PSAT
-
38.9
-
dBm
Drain Efficiency
CW, 1900 MHz
ηSAT
44
47.0
-
%
Power Added Efficiency
CW, POUT = 37 dBm, 1900 MHz
PAE
-
44.7
-
%
Ruggedness
All phase angles
VSWR = 15:1, No Device Damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com