Electronic Components Datasheet Search
  English  ▼

X  

HMC290 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC290
Description  2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC290 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC290 Datasheet HTML 1Page - Hittite Microwave Corporation HMC290 Datasheet HTML 2Page - Hittite Microwave Corporation HMC290 Datasheet HTML 3Page - Hittite Microwave Corporation HMC290 Datasheet HTML 4Page - Hittite Microwave Corporation HMC290 Datasheet HTML 5Page - Hittite Microwave Corporation HMC290 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
9 - 32
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC290
2 dB LSB GaAs MMIC 2-BIT DIGITAL
ATTENUATOR, 0.7 - 4.0 GHz
v00.0600
General Description
Features
Functional Diagram
2 dB LSB Steps to 6 dB
Single Positive Control Per BIT
+/-0.2 dB Typical Bit Error
Miniature SOT 26 Package: 9 mm2
Electrical Specifications,
T
A = +25° C, Vdd = +3V to +5V & Vctl = 0/Vdd (Unless Otherwise Stated)
Typical Applications
The HMC290 is a broadband 2 - bit positive control
GaAs IC digital attenuator in a 6 lead SOT26 sur-
face mount plastic package. Covering 0.7 to 4 GHz,
the insertion loss is typically less than 0.7 dB. The
attenuator bit values are 2 (LSB) and 4 dB for a total
attenuation of 6 dB. Accuracy is excellent at ± 0.2
dB typical with an IIP3 of up to +52 dBm. Two bit
control voltage inputs, toggled between 0 and +3 to
+5 volts, are used to select each attenuation state
at less than 50 uA each. A single Vdd bias of +3 to
+5 volts applied through an external 5K Ohm resis-
tor is required. Occupying less than 9 mm², this is
the smallest 2 - bit digital attenuator available.
The HMC290 is ideal for:
• Cellular
• PCS, ISM, MMDS
• WLL Handset & BaseStation
Parameter
Frequency
Min.
Typical
Max.
Units
Insertion Loss
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 4.0 GHz
0.5
0.5
0.6
0.8
0.7
0.8
0.9
1.2
dB
dB
dB
dB
Attenuation Range
0.7 - 4.0 GHz
6
dB
Return Loss (RF1 & RF2, All Atten. States)
0.7 - 2.7 GHz
2.7 - 4.0 GHz
16
15
20
18
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
2, 4 dB States
6 dB States
0.7 - 4.0 GHz
0.7 - 4.0 GHz
± 0.2 + 2% of Atten. Setting Max
± 0.3 + 2% of Atten. Setting Max
dB
dB
Input Power for 0.1 dB Compression
5V
3V
0.7 - 4.0 GHz
27
24
dBm
dBm
Input Third Order Intercept Point
(Two-tone Input Power = 0 dBm Each Tone)
5V
3V
0.7 - 4.0 GHz
52
50
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
0.7 - 4.0 GHz
400
420
ns
ns


Similar Part No. - HMC290

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290 Datasheet
158Kb / 4P
2 dB LSB GaAs MMIC 2-BIT DIGITAL
HMC290 HITTITE-HMC290 Datasheet
158Kb / 4P
2 dB LSB GaAs MMIC 2-BIT DIGITAL
HMC290 HITTITE-HMC290 Datasheet
241Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC290E HITTITE-HMC290E Datasheet
158Kb / 4P
2 dB LSB GaAs MMIC 2-BIT DIGITAL
HMC290 HITTITE-HMC290_06 Datasheet
241Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
More results

Similar Description - HMC290

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC291 HITTITE-HMC291 Datasheet
146Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC288MS8 HITTITE-HMC288MS8_07 Datasheet
261Kb / 6P
2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC290 HITTITE-HMC290_06 Datasheet
241Kb / 6P
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC291 HITTITE-HMC291_06 Datasheet
274Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC273MS10G HITTITE-HMC273MS10G_08 Datasheet
257Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC291 HITTITE-HMC291_08 Datasheet
205Kb / 6P
4 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com