Electronic Components Datasheet Search
  English  ▼

X  

DR Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # DR
Description  SUB-SUB MINIATURE SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

DR Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  DR Datasheet HTML 1Page - Cherry Semiconductor Corporation DR Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNAP SWITCHES
Features
 Switch with mushroom or pan-head actuator
for many actuation possibilities
 Dustproof according to IP40
 Models available up to 105 °C operating temperature
 Nominal currents 5 mA up to 2 A at 12 V DC
 Auxiliary actuator on request
 High contact stability thanks to AuAg crosspoint contacts
 Mechanical operating life min. 1 x 106 actuations
 Various connection possibilities
Technical specifications
Contact configuration
S.P.D.T.
Contact gap
< 3 mm
Switching voltage max.
12 V DC, to 60 V on request
Switched current
0,005 to 2 A DC
Operating force
max. 75 cN without auxiliary actuator
Total travel
ca. 2,0 mm
Mechanical life
min. 1 x 106 operations
Electrical life (max. load)
min. 100.000 operations
Ambient temperature
– 40 to +85 °C / 105 °C
Materials
Base
PBT
Cover
PBT
Actuator
PES
Auxiliary actuator
Stainless steel
Terminals
CuZn (silver-plated)
Contacts
AuAg (Crosspoint)
Degree of protection
(switch interior)
IP40
For detailed information and the layout of the details described above,
please do not hesitate to ask for our technical specifications and drawing.
DR sub-sub-
miniature switch
50


Similar Description - DR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
103-7028-EVX ETC2-103-7028-EVX Datasheet
160Kb / 1P
Sealed Sub-Miniature Rocker Switch
logo
Reed Relays and Electro...
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
logo
C&K Components
JSX CK-COMPONENTS-JSX Datasheet
296Kb / 1P
Sub-Miniature Slide Switch
logo
Cherry Semiconductor Co...
DJ CHERRY-DJ Datasheet
318Kb / 2P
SUB-SUB- MINIATURE SWITCH
DK CHERRY-DK Datasheet
399Kb / 2P
SUB-SUB- MINIATURE SWITCH
SJ CHERRY-SJ Datasheet
330Kb / 2P
SUB-SUB- MINIATURE SWITCH
SK CHERRY-SK Datasheet
432Kb / 2P
SUB-SUB- MINIATURE SWITCH
logo
Littelfuse
MDSR-10 LITTELFUSE-MDSR-10 Datasheet
507Kb / 2P
MDSR-10 10.2mm Sub-miniature Reed Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
Ultra Sub Miniature Basic Switch
logo
C&K Components
JSX CK-COMPONENTS-JSX_V01 Datasheet
149Kb / 1P
Sub-Miniature Slide Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com