Electronic Components Datasheet Search
  English  ▼

X  

LM5030SD Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5030SD
Description  100V Push-Pull Current Mode PWM Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5030SD Datasheet(HTML) 2 Page - Texas Instruments

  LM5030SD Datasheet HTML 1Page - Texas Instruments LM5030SD Datasheet HTML 2Page - Texas Instruments LM5030SD Datasheet HTML 3Page - Texas Instruments LM5030SD Datasheet HTML 4Page - Texas Instruments LM5030SD Datasheet HTML 5Page - Texas Instruments LM5030SD Datasheet HTML 6Page - Texas Instruments LM5030SD Datasheet HTML 7Page - Texas Instruments LM5030SD Datasheet HTML 8Page - Texas Instruments LM5030SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM5030
SNVS215D – APRIL 2003 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 13
1
Features .................................................................. 1
8
Application and Implementation ........................ 14
2
Applications ........................................................... 1
8.1
Application Information............................................ 14
3
Description ............................................................. 1
8.2
Typical Application ................................................. 14
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 20
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 20
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 20
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 20
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 21
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 21
6.4
Thermal Information .................................................. 4
11.2
Documentation Support ....................................... 21
6.5
Electrical Characteristics........................................... 5
11.3
Community Resources.......................................... 21
6.6
Typical Characteristics .............................................. 8
11.4
Trademarks ........................................................... 21
7
Detailed Description ............................................ 10
11.5
Electrostatic Discharge Caution ............................ 21
7.1
Overview ................................................................. 10
11.6
Glossary ................................................................ 21
7.2
Functional Block Diagram ....................................... 10
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 11
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2013) to Revision D
Page
•
Added ESD Ratings table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1
Changes from Revision B (March 2013) to Revision C
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 16
2
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LM5030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com