Electronic Components Datasheet Search
  English  ▼

X  

PI6C10810 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C10810
Description  1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C10810 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C10810 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C10810 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS9014A
02/23/11
PI6C10810
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
Test Circuits for All Outputs
Definitions:
CL=Loadcapacitance:includesjigandprobecapacitance.
Capacitance (TA =25°C,f=1MHz)
Parameters(1)
Description
Test Conditions
Typ
Max.
Units
CIN
InputCapacitance
VIN = 0V
3.0
4
pF
COUT
OutputCapacitance
VOUT = 0V
—
6
Note:
1.
Thisparameterisdeterminedbydevicecharacterizationbutisnotproductiontested.
Pulse
Generator
f = 125MHz
D.U.T.
50-Ohm
CL
3pF
VDD
500-Ohm
Power Supply Characteristics
Parameters Description
Test Conditions(1)
Min.
Typ. (2) Max. Units
IDDQ
QuiescentPower
SupplyCurrent
VDDA = VDDB =
VDDC = 2.7V
NoLoad.FIN=40MHz
(BankA,BankB,BankC
included)
16
mA
VDDA = VDDB =
VDDC = 1.95V
12
VDDA = VDDB =
VDDC=1.6V
8
VDDA = VDDB =
VDDC = 1.2V
8
IOS
ShortCircuitCurrent
VDDA = VDDB =
VDDC
2.7V
1.95V
1.6V
1.2V
±80
±50
±35
±15
mA
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristics.
2. TypicalvaluesareatVDD=1.2V,1.5V,1.8Vor2.5V,and+25°Cambient.
3.PerTTLdriveninput(VIN = VDD - 0.6V);allotherinputsatVDD or GND.
11-0015



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com