Electronic Components Datasheet Search
  English  ▼

X  

PI6C20400ALE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C20400ALE
Description  1:4 Clock Driver for Intel PCIe Chipsets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400ALE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C20400ALE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C20400ALE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20400ALE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400ALE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400ALE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400ALE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400ALE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400ALE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400ALE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PI6C20400A
1:4 Clock Driver for Intel PCIe® Chipsets
www.pericom.com
03/27/13
Pin Descriptions
Pin Name
Type
Pin No
Description
SRC&SRC#
Input
2,3
0.7VDifferentialSRCinputfromPI6C410clocksynthesizer
OE_0&OE_3
Input
8,21
3.3VLVTTLinputforenablingoutputs,activehigh.
OE_0forOUT0/OUT0#
OE_3forOUT3/OUT3#
OE_INV
Input
25
3.3VLVTTLinputforinvertingtheOE,SRC_STOP#and
PWRDWN#pins.
When0=samestage
When1=OE_0,OE_3,SRC_STOP#,PWRDWN#inverted.
OUT[0:3]&OUT[0:3]# Output
6,7,9,10,19,20,
22,23
0.7VDifferentialoutputs
PLL/BYPASS#
Input
12
3.3VLVTTLinputforselectingfan-outofPLLoperation.
SCLK
Input
13
SMBuscompatibleSCLOCKinput
SDA
I/O
14
SMBuscompatibleSDATA
IREF
Input
26
Externalresistorconnectiontosetthedifferentialoutputcurrent
SRC_STOP#
Input
16
3.3VLVTTLinputforSRCstop,activelow
PLL_BW#
Input
17
3.3VLVTTLinputforselectingthePLLbandwidth
PWRDWN#
Input
15
3.3VLVTTLinputforPowerDownoperation,activelow
VDD
Power
1,5,11,18,24
3.3VPowerSupplyforOutputs
VSS
Ground
4
GroundforOutputs
VSS_A
Ground
27
GroundforPLL
VDD_A
Power
28
3.3VPowerSupplyforPLL
Serial Data Interface (SMBus)
ThispartisaslaveonlySMBusdevicethatsupportsindexedblockreadandindexedblockwriteprotocolusingasingle7-bit
addressandread/writebitasshownbelow.
Address Assignment
A6
A5
A4
A3
A2
A1
A0
W/R
1
1
0
1
1
1
0
0/1
Data Protocol
1bit
7bits
1
1
8bits
1
8bits
1
8bits
1
8bits
1
1bit
Start
bit
Slave
Addr
R/W
Ack
Register
offset
Ack
Byte
Count
=N
Ack
Data
Byte0
Ack
…
Data
ByteN
-1
Ack
Stop
bit
Notes:
1. Registeroffsetforindicatingthestartingregisterforindexedblockwriteandindexedblockread.ByteCountinwritemodecannotbe0.
14-0195



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com