Electronic Components Datasheet Search
  English  ▼

X  

PI6C20800AE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C20800AE
Description  1:8 Clock Driver for Intel PCI Express Chipsets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20800AE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C20800AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C20800AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20800AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20800AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20800AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20800AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20800AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20800AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20800AE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8746G
05/14/12
PI6C20800
1:8 Clock Driver for Intel
PCI Express® Chipsets
Pin Descriptions
Pin Name
Type
Pin #
Descriptions
SRC_DIV#
Input
1
3.3VLVTTLinputforselectinginputfrequencydivideby2,
activeLOW.
SRC&SRC#
Input
4,5
0.7VDifferentialSRCinputfromPI6C410clocksynthesizer
OE[0:7]
Input
6,7,14,15,35,36,
43,44
3.3VLVTTLinputforenablingoutputs,activeHIGH.
OE_INV
Input
40
3.3VLVTTLinputforinvertingtheOE,SRC_STOP#and
PWRDWN#pins.
When0=samestage
When1=OE[0:7],SRC_STOP#,PWRDWN#inverted.
OUT[0:7]&OUT[0:7]#
Output
8,9,12,13,1617,
20,21,29,30,33,34,
37,38,41,42
0.7VDifferentialoutputs
PLL/BYPASS#
Input
22
3.3VLVTTLinputforselectingfan-outofPLLoperation.
SCLK
Input
23
SMBuscompatibleSCLOCKinput
SDA
I/O
24
SMBuscompatibleSDATA
IREF
Input
46
Externalresistorconnectiontosetthedifferentialoutputcurrent
SRC_STOP#
Input
27
3.3VLVTTLinputforSRCstop,activeLOW
PLL_BW#
Input
28
3.3VLVTTLinputforselectingthePLLbandwidth
PWRDWN#
Input
26
3.3VLVTTLinputforPowerDownoperation,activeLOW
LOCK
Output
45
3.3VLVTTLoutput,transitionhighwhenPLLlockisachieved
(Latchedoutput)
VDD
Power
2,11,19,31,39
3.3VPowerSupplyforOutputs
VSS
Ground
3,10,18,25,32
GroundforOutputs
VSS_A
Ground
47
GroundforPLL
VDD_A
Power
48
3.3VPowerSupplyforPLL
Serial Data Interface (SMBus)
PI6C20800isaslaveonlySMBusdevicethatsupportsindexedblockreadandindexedblockwriteprotocolusingasingle7-bit
addressandread/writebitasshownbelow.
Address assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
1
1
0
0/1
Data Protocol(1)
1bit
7bits
1
1
8bits
1
8bits
1
8bits
1
8bits
1
1bit
Start
bit
Slave
Addr
R/W
Ack
Register
offset
Ack
Byte
Count
=N
Ack
Data
Byte0
Ack
Data
ByteN
-1
Ack
Stop
bit
Note:
1. Registeroffsetforindicatingthestartingregisterforindexedblockwriteandindexedblockread.ByteCountinwritemodecannotbe0.
12-0205



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com