Electronic Components Datasheet Search
  English  ▼

X  

PI6C49004A Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C49004A
Description  PCIe Gen 2 Networking Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49004A Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C49004A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49004A Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
PS-01
04/19/11
PI6C49004A
PCIe®Gen 2 Networking Clock Generator
Electrical Characteristics - Single-Ended
Unless otherwise specified, VDD=3.3V±10%, Ambient Temperature –40°C to +85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Clock Frequency FIN
25
MHz
SCLK Frequency
100
400
kHz
Minimum Pulse Width
of PD_RESET Input
100
ns
Output Frequency
Error
FS0, FS6 = 0
0
ppm
Output Frequency
Error
32.256MHz
7
Output Rise/Fall Time tr, tf
VDD=3.3V, 0.8V to 2.4V
0.5
1
ns
Output Clock Duty
Cycle
Measured at VDD/2
45
50
55
%
High-Level Output
Voltage
VOH
IOH = -4mA
VDD-0.4
High-Level Output
Voltage
VOH
IOH = -8mA
2.4
V
Low-Level Output
Voltage
VOL
IOL = 8mA
0.4
Peak-to-Peak Jitter
50MHz clock output
140
200
ps
33/66/133MHz clock output
125
175
32.256MHz clock output
115
150
Cycle-to-Cycle Jitter
50MHz clock output
120
175
33/66/133 MHz clock output
120
160
Clock Stabilization
Time from Power Up
3
10
ms
11-0104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com