Electronic Components Datasheet Search
  English  ▼

X  

HMC329LM3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC329LM3
Description  GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC329LM3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC329LM3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC329LM3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC329LM3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC329LM3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC329LM3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC329LM3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC329LM3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC329LM3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MICROWAVE CORPORATION
12 - 143
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
12
HMC329LM3
GaAs MMIC DOUBLE-BALANCED
SMT MIXER, 26 - 40 GHz
v00.0802
RF / IF Input
+13 dBm
LO Drive
+27 dBm
IF DC Current
±2 mA
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Absolute Maximum Ratings
Pin Number
Function
Description
Interface Schematic
1, 2, 3
N/C
This pin may be connected to the PCB ground
or left unconnected.
4
RF Port
This pin is DC coupled and matched to 50 Ohm
from 25 to 40 GHz.
5
IF Port
This pin is DC coupled. For applications not requiring opera-
tion to DC, this port should be DC blocked externally using a
series capacitor whose value has been chosen to pass the
necessary IF frequency range. For operation to DC, this pin
must not source or sink more than 2 mA of current or part
non-function and possible part failure will result.
6
LO Port
This pin is DC coupled and matched to 50 Ohm
from 25 to 40 GHz.
GND
Package base must be soldered to PCB RF ground.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com