Electronic Components Datasheet Search
  English  ▼

X  

HMC330 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC330
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC330 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC330 Datasheet HTML 1Page - Hittite Microwave Corporation HMC330 Datasheet HTML 2Page - Hittite Microwave Corporation HMC330 Datasheet HTML 3Page - Hittite Microwave Corporation HMC330 Datasheet HTML 4Page - Hittite Microwave Corporation HMC330 Datasheet HTML 5Page - Hittite Microwave Corporation HMC330 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MICROWAVE CORPORATION
5 - 89
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
-20
-15
-10
-5
0
20
25
30
35
40
+25C
-55C
+85C
FREQUENCY (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
20
25
30
35
40
FREQUENCY (GHz)
2LO/RF
LO/RF
RF/IF
2LO/IF
LO/IF
-20
-15
-10
-5
0
20
25
30
35
40
FREQUENCY (GHz)
+14 dBm
+12 dBm
+8 dBm
+10 dBm
+16 dBm
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
LO
RF
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
1
23
45
RETURN LOSS
CONVERSION GAIN
FREQUENCY (GHz)
HMC330
Conversion Gain vs.
Temperature @ LO = +14 dBm
Conversion Gain vs. LO Drive
Upconverter Performance
Conversion Gain @ LO = +14 dBm
Isolation @ LO = +14 dBm
IF Bandwidth @ LO = +14 dBm
v01.0301
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 25 - 40 GHz
-20
-15
-10
-5
0
20
25
30
35
40
FREQUENCY (GHz)
Return Loss@ LO = +14 dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com