Electronic Components Datasheet Search
  English  ▼

X  

A12 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A12
Description  Cascadable Amplifier 10 to 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A12 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A12 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A12 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
10 to 1000 MHz
Rev. V3
A12 / SMA12
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
5-1000
10-1000
10-1000
Small Signal Gain (min)
dB
16.0
15.0
14.5
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
20
Noise Figure (max)
dB
2.8
3.5
3.9
Power Output
@ 1 dB comp. (min)
dBm
8.0
7.0
6.5
IP3
dBm
+22
IP2
dBm
+25
Second Order Harmonic IP
dBm
+32
VSWR Input / Output (max)
1.6:1 / 1.6:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
22
25
27
Features
 LOW NOISE: 2.8 dB (TYP.)
 HIGH GAIN: 16.0 dB (TYP.)
 MEDIUM OUTPUT POWER: +8 dBm (TYP.)
 LOW VSWR:<1.6:1 (TYP.)
Description
The A12 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screening
is available
.
Product Image
Ordering Information
Part Number
Package
A12
TO-8
SMA12
Surface Mount
CA12
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
170ºC/W
Transistor Power Dissipation Pd
0.189 W
Junction Temperature Rise
Above Case Tjc
+32ºC
* Over temperature performance limits for part number CA12, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
113Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
logo
DB Lectro Inc
A12 DBLECTRO-A12 Datasheet
218Kb / 1P
DIP PLUG LOW PROFILE
logo
Tyco Electronics
A12 MACOM-A12 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A12 MA-COM-A12 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
Texas Instruments
A12 TI1-A12 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - A12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com