Electronic Components Datasheet Search
  English  ▼

X  

A25 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A25
Description  Cascadable Amplifier 5 to 1500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A25 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A25 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A25 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A25 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
5 to 1500 MHz
Rev. V3
A25 / SMA25
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
1-1600
5-1500
5-1500
Small Signal Gain (min)
dB
10.0
9.0
8.0
Gain Flatness (max)
dB
±0.3
±0.6
±1.0
Reverse Isolation
dB
20
Noise Figure (max)
dB
6.0
7.5
8.0
Power Output
@ 1 dB comp. (min)
dBm
9.0
7.0
6.5
IP3
dBm
+21
IP2
dBm
+33
Second Order Harmonic IP
dBm
+38
VSWR Input / Output (max)
1.5:1 / 1.5:1
2.0:1 / 2.0:1
2.1:1 / 2.1:1
DC Current @ 15 Volts (max)
mA
24
27
29
Features
 MEDIUM OUTPUT LEVEL: +9 dBm (TYP.)
 WIDE POWER SUPPLY RANGE: +8 TO +15 VOLTS
Description
The A25 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screening
is available
.
Product Image
Ordering Information
Part Number
Package
A25
TO-8
MAAM-008717-0SMA25
Surface Mount
MAAM-008717-00CA25
SMA Connectorized **
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.183 W
Junction Temperature Rise
Above Case Tjc
+8ºC
* Over temperature performance limits for part number CA25, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A25 MACOM-A25 Datasheet
355Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
A25 MA-COM-A25 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
List of Unclassifed Man...
A25 ETC2-A25 Datasheet
213Kb / 7P
Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A25 NKK-A25 Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
logo
Yealink Inc.
A25 YEALINK-A25 Datasheet
5Mb / 6P
All-in-One Android Video
More results

Similar Description - A25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A24 MACOM-A24 Datasheet
85Kb / 1P
5 TO 1500 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC1582 ETC-AC1582 Datasheet
80Kb / 1P
5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A25 MACOM-A25 Datasheet
355Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
A24 MACOM-A24_1 Datasheet
359Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
A26 MACOM-A26_1 Datasheet
367Kb / 2P
Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
SMA24 MA-COM-SMA24 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
SMA25 MA-COM-SMA25 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1500 MHz
logo
Teledyne Technologies I...
UTOUTC1501 TELEDYNE-UTOUTC1501 Datasheet
178Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
UTOUTC1511 TELEDYNE-UTOUTC1511 Datasheet
182Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
UTOUTC1522 TELEDYNE-UTOUTC1522 Datasheet
182Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com