Electronic Components Datasheet Search
  English  ▼

X  

A43 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A43
Description  Cascadable Amplifier 100 to 3200 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A43 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A43 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A43 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A43 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
100 to 3200 MHz
Rev. V3
A43 / SMA43
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
80-3200
10-3200
10-3200
Small Signal Gain (min)
dB
11.5
10.5
9.8
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
27
Noise Figure (max)
dB
7.0
7.5
8.0
Power Output
@ 1 dB comp. (min)
dBm
8.5
7.0
6.5
IP3
dBm
+21
IP2
dBm
+40
Second Order Harmonic IP
dBm
+45
VSWR Input / Output (max)
1.6:1 / 1.8:1
2.3:1 / 2.3:1
2.4:1 / 2.4:1
DC Current @ 15 Volts (max)
mA
45
48
50
Features
 ULTRAWIDE BANDWIDTH: 10-3200 MHz
 EXCELLENT GAIN BLOCK: 11.5 dB (TYP.)
 MEDIUM OUTPUT POWER: +8.5 dBm (TYP.)
Description
The A43 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
Product Image
Ordering Information
Part Number
Package
A43
TO-8
SMA43
Surface Mount
CA43 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+10 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
150ºC/W
Transistor Power Dissipation Pd
0.193 W
Junction Temperature Rise
Above Case Tjc
29ºC
* Over temperature performance limits for part number CA43, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A43

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
104Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
A43 ETC2-A43 Datasheet
103Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A43 MACOM-A43 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 3200 MHz
logo
Micrel Semiconductor
A43 MICREL-A43 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
More results

Similar Description - A43

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A32 MACOM-A32 Datasheet
112Kb / 1P
100 TO 2000 MHz CASCADABLE AMPLIFIER
A43 MACOM-A43 Datasheet
104Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
A43 ETC2-A43 Datasheet
103Kb / 1P
100 TO 3200 MHz CASCADABLE AMPLIFIER
logo
Tyco Electronics
A34 MACOM-A34_1 Datasheet
377Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36 MACOM-A36 Datasheet
370Kb / 2P
Cascadable Amplifier 100 to 2000 MHz
A36-1 MACOM-A36-1_1 Datasheet
384Kb / 2P
Cascadable Amplifier 100 to 2300 MHz
A43 MACOM-A43_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 3200 MHz
A57 MACOM-A57_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 500 MHz
logo
M/A-COM Technology Solu...
A43 MA-COM-A43 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 3200 MHz
A89 MA-COM-A89 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 800 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com