Electronic Components Datasheet Search
  English  ▼

X  

A54 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A54
Description  Cascadable Amplifier 5 to 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A54 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A54 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A54 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A54 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
5 to 500 MHz
Rev. V3
A54 / SMA54
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
3-500
5-500
5-500
Small Signal Gain (min)
dB
27.5
26.0
24.0
Gain Flatness (max)
dB
±0.8
±0.8
±1.0
Reverse Isolation
dB
37
Noise Figure (max)
dB
4.5
5.5
6.0
Power Output
@ 1 dB comp. (min)
dBm
8.0
6.5
5.5
IP3
dBm
+19
IP2
dBm
+32.5
Second Order Harmonic IP
dBm
+39.5
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.5:1 / 1.5:1
1.9:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
34
37
34
Features
 HIGH GAIN— TWO STAGES; 27.5 dB (TYP.)
 MEDIUM OUTPUT LEVEL: +8 dBm (TYP.)
 LOW VSWR:<1.4:1 (TYP.)
Description
The A54 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
Product Image
Ordering Information
Part Number
Package
A54
TO-8
SMA54
Surface Mount
CA54 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
12 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
130ºC/W
Transistor Power Dissipation Pd
0.084 W
Junction Temperature Rise
Above Case Tjc
11ºC
* Over temperature performance limits for part number CA54, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.`


Similar Part No. - A54

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A54 MACOM-A54 Datasheet
104Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A54 MACOM-A54 Datasheet
378Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
Connor-Winfield Corpora...
A54 CONNOR-WINFIELD-A54 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54-SMA54 MA-COM-A54-SMA54 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - A54

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
Cascadable Amplifier 5 to 500 MHz
A59 MA-COM-A59_15 Datasheet
635Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com