Electronic Components Datasheet Search
  English  ▼

X  

HMC338 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC338
Description  GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 26 - 33 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC338 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  HMC338 Datasheet HTML 1Page - Hittite Microwave Corporation HMC338 Datasheet HTML 2Page - Hittite Microwave Corporation HMC338 Datasheet HTML 3Page - Hittite Microwave Corporation HMC338 Datasheet HTML 4Page - Hittite Microwave Corporation HMC338 Datasheet HTML 5Page - Hittite Microwave Corporation HMC338 Datasheet HTML 6Page - Hittite Microwave Corporation HMC338 Datasheet HTML 7Page - Hittite Microwave Corporation HMC338 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MICROWAVE CORPORATION
5 - 109
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
Handling Precautions
Follow these precautions to avoid permanent damage.
Cleanliness:
Handle the chips in a clean environment.
DO NOT attempt to clean the chip using liquid cleaning systems.
Static Sensitivity:
Follow ESD precautions to protect against > ± 250V ESD strikes.
Transients:
Suppress instrument and bias supply transients while bias is applied.
Use shielded signal and bias cables to minimize inductive pick-up.
General Handling:
Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers.
The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or
fingers.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically con-
ductive epoxy. The mounting surface should be clean and flat.
Eutectic Die Attach:
A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a tool temperature
of 265 °C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C.
DO NOT expose the chip to a temperature greater than 320 °C for more than 20 seconds. No more than 3
seconds of scrubbing should be required for attachment.
Epoxy Die Attach:
Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the
perimeter of the chip once it is placed into position.
Cure epoxy per the manufacturer’s schedule.
Wire Bonding
RF bonds made with 0.003” x 0.0005” ribbon are recommended. These bonds should be thermosonically
bonded with a force of 40-60 grams. DC bonds of 0.001” (0.025 mm) diameter, thermosonically bonded, are
recommended. Ball bonds should be made with a force of 40-50 grams and wedge bonds at 18-22 grams.
All bonds should be made with a nominal stage temperature of 150 °C. A minimum amount of ultrasonic
energy should be applied to achieve reliable bonds. All bonds should be as short as possible, less than 12
mils (0.31 mm).
HMC338
GaAs MMIC SUB-HARMONICALLY
PUMPED MIXER, 26 - 33 GHz
v01.0803



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com