Electronic Components Datasheet Search
  English  ▼

X  

A55 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A55
Description  AVAILABLE IN SURFACE MOUNT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A55 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A55 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A55 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A55 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
10 to 500 MHz
Rev. V2
A55 / SMA55
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
5-600
10-500
10-500
Small Signal Gain (min)
dB
14.7
14.0
13.5
Gain Flatness (max)
dB
±0.5
±0.8
±1.0
Reverse Isolation
dB
20
Noise Figure (max)
dB
5.0
6.0
6.5
Power Output
@ 1 dB comp. (min)
dBm
11.0
9.0
8.0
IP3
dBm
+24
IP2
dBm
+37
Second Order Harmonic IP
dBm
+42
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
30
35
37
Features
 AVAILABLE IN SURFACE MOUNT
 MEDIUM OUTPUT LEVEL: +11 dBm (TYP.)
 MEDIUM THIRD ORDER I.P. + 24 dBm (TYP.)
Description
The A55 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
Hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
A55
TO-8
MAAM-008723-0SMA55
Surface Mount
CA55 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+18 V
Continuous Input Power
13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.194 W
Junction Temperature Rise
Above Case Tjc
9ºC
* Over temperature performance limits for part number CA55, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A55

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A55 MACOM-A55 Datasheet
351Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A55 MA-COM-A55 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
A55-SMA55 MA-COM-A55-SMA55 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Mobile Mark, Inc.
A55136 MOBILEMARK-A55136 Datasheet
264Kb / 1P
Wideband UHF Whip Antenna
A55136TB MOBILEMARK-A55136TB Datasheet
333Kb / 1P
Tri-Band P25 Mobile Antenna
04/2022
More results

Similar Description - A55

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDV-C173SM ADVANCEDPHOTONIX-PDV-C173SM Datasheet
93Kb / 1P
Photodiode in Plastic Surface Mount
PDI-C172SMF ADVANCEDPHOTONIX-PDI-C172SMF Datasheet
93Kb / 1P
Photodiode in Plastic Surface Mount
logo
Holt Integrated Circuit...
HI-8450 HOLTIC-HI-8450 Datasheet
1Mb / 11P
Burn-in available
logo
M/A-COM Technology Solu...
A5-5 MA-COM-A5-5_15 Datasheet
619Kb / 3P
AVAILABLE IN SURFACE MOUNT
logo
List of Unclassifed Man...
M28 ETC2-M28 Datasheet
331Kb / 2P
Available in plastic and stud-mount metal enclosures
M38 ETC2-M38 Datasheet
331Kb / 2P
Available in plastic and stud-mount metal enclosures
logo
Luna Innovations Incorp...
PDB-C150SM LUNA-PDB-C150SM Datasheet
189Kb / 2P
Photodiode in Plastic Surface Mount
logo
E&E Magnetic Products L...
831-00177F EEMAGNETIC-831-00177F Datasheet
97Kb / 2P
Available in vertical mount
831-00181F EEMAGNETIC-831-00181F Datasheet
97Kb / 2P
Available in vertical mount
831-00183F EEMAGNETIC-831-00183F Datasheet
97Kb / 2P
Available in vertical mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com