Electronic Components Datasheet Search
  English  ▼

X  

ML Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # ML
Description  Keymodule ML
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

ML Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  ML Datasheet HTML 1Page - Cherry Semiconductor Corporation ML Datasheet HTML 2Page - Cherry Semiconductor Corporation ML Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Keycaps and mechanics
Keycaps
Keycap format
Dimension X (mm)
Bar
Assembly number (mechanics + Bar)
1 x 1
1 x 0,84
–
–
–
–
–
–
1 x 1,25
–
–
–
1 x 2 vertical
25,6
614-5007
G99-1303 ZUB
1,25 x 2 x 1 vertical
1,5 x 2 x 1,25 vertical
25,6
25,6
614-5007
614-5007
G99-1303 ZUB
G99-1303 ZUB
1 x 1,5
1 x 1,53
1 x 1,75
1 x 2
1 x 2,25
17,45
17,45
21,65
25,6
30,65
614-5004
614-5004
614-5005
614-5007
614-5009
G99-1300 ZUB
G99-1300 ZUB
G99-1301 ZUB
G99-1303 ZUB
G99-1369 ZUB
1 x 5
1 x 7
80,15
116,15
614-5006
614-5010
G99-1302 ZUB
G99-1370 ZUB
69



Html Pages

1 2 3