Electronic Components Datasheet Search
  English  ▼

X  

MX Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # MX
Description  Keymodule MX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

MX Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  MX Datasheet HTML 1Page - Cherry Semiconductor Corporation MX Datasheet HTML 2Page - Cherry Semiconductor Corporation MX Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
120
travel (mm)
travel (mm)
travel (mm)
travel (mm)
MX-linear actuation
MX with pressure point ergonomic
MX with alternate action
MX with pressure point click
Operating point
Operating point
Operating point
Pressure point
Operating point
Pressure point
Reset point
Reset point
Reset point
Reset point
Reset point
Force / travel diagram
Multiple key mechanical
with frame
Cutout of frame for keycaps sizes
1 x 2, 1 x 2,25, 1 x 2,75
6,65+0,1
14±0,05
“A”±0,1
4,2+0,1
R 0,3
max.
R 0,3
max.
R 0,3
max.
3+0,1
Cutout of frame for keycaps sizes
1 x 3, 1 x 7, 1 x 8, 1 x 9, 1 x 10
Center line of module
Ø
3,05+0,1
Ø
4+0,05
“A”±0,1
“A”±0,1
14±0,05
6,65+0,1
4,2+0,1
R 0,3
max.
R 0,3
max.
3+0,1
PC-board
Faceplate
Wire yoke
Housing
Support bracket
Keycap 8mm
Keycap 8mm
PC-board
Wire yoke
Housing
Support bracket
Snapped
Hooked
without frame
Drilling pattern
71



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com