Electronic Components Datasheet Search
  English  ▼

X  

HMC341 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC341
Description  GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC341 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC341 Datasheet HTML 1Page - Hittite Microwave Corporation HMC341 Datasheet HTML 2Page - Hittite Microwave Corporation HMC341 Datasheet HTML 3Page - Hittite Microwave Corporation HMC341 Datasheet HTML 4Page - Hittite Microwave Corporation HMC341 Datasheet HTML 5Page - Hittite Microwave Corporation HMC341 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
1 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
1
HMC341
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 30 GHz
v00.0301
General Description
Features
Functional Diagram
The HMC341 chip is a GaAs MMIC Low Noise
Amplifier (LNA) which covers the frequency range
of 24 to 30 GHz. The chip can easily be inte-
grated into Multi-Chip Modules (MCMs) due to its
small (1.51 mm2) size. The chip utilizes a GaAs
PHEMT process offering 13 dB gain from a single
bias supply of + 3V @ 30 mA with a noise figure
of 2.5 dB. All data is with the chip in a 50 ohm
test fixture connected via 0.025 mm (1 mil) diam-
eter wire bonds of minimal length 0.31 mm (<12
mils).
Excellent Noise Figure: 2.5 dB
Gain: 13 dB
Single Supply : +3V @ 30 mA
Small Size: 1.06 mm x 1.42 mm
Electrical Specifications, T
A = +25° C, Vdd = +3V
Typical Applications
The HMC341 is ideal for:
• Millimeterwave Point-to-Point Radios
• LMDS
• VSAT & SATCOM
Parameter
Min.
Typ.
Max.
Units
Frequency Range
24 - 30
GHz
Gain
10
13
16
dB
Gain Variation Over Temperature
.03
.04
dB/°C
Noise Figure
26 - 30 GHz
24 - 26 GHz
2.5
2.9
3.5
3.9
dB
dB
Input Return Loss
9
13
dB
Output Return Loss
9
13
dB
Reverse Isolation
25
30
dB
Output Power for 1dB Compression (P1dB)
2
6
dBm
Saturated Output Power (Psat)
6
10
dBm
Output Third Order Intercept (IP3)
12
16
dBm
Supply Current (Idd)
30
mA


Similar Part No. - HMC341

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC341 HITTITE-HMC341 Datasheet
229Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC341 HITTITE-HMC341 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Micross Components
HMC341 MICROSS-HMC341 Datasheet
875Kb / 9P
Millimeterwave Point-to-Point Radios
logo
Analog Devices
HMC341 AD-HMC341 Datasheet
247Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Hittite Microwave Corpo...
HMC341LC3B HITTITE-HMC341LC3B Datasheet
295Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 21 - 29 GHz
More results

Similar Description - HMC341

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
24-30 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC262 HITTITE-HMC262_00 Datasheet
158Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 15 - 24 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341_10 Datasheet
229Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
logo
Analog Devices
HMC341 AD-HMC341 Datasheet
247Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com