Electronic Components Datasheet Search
  English  ▼

X  

SJ Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # SJ
Description  SUB-SUB- MINIATURE SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

SJ Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  SJ Datasheet HTML 1Page - Cherry Semiconductor Corporation SJ Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Terminals and location pins
Type of terminal
Code
Solder terminals 2,5 x 0,4 mm, straight without pins
AN
Solder terminals 2,5 x 0,4 mm, straight with RH pins AR
Solder terminals 2,5 x 0,4 mm, straight with LH pins AL
PCB terminals 0,7 x 0,4 mm, straight without pins
BN
PCB terminals 0,7 x 0,4 mm, straight with RH pins
BR
PCB terminals 0,7 x 0,4 mm, straight with RH pins
BL
Auxiliary actuator options
Auxiliary actuator
Code
Without auxiliary acutator
A0
Terminals
Solder terminal 2,5 x 0,5 mm
PCB terminal
0,7 x 0,5 mm, straight
Drilling pattern for PCB terminal
0,7 x 0,5 mm
Side definition
RH-side
LH-side
63



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com