Electronic Components Datasheet Search
  English  ▼

X  

A75 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A75
Description  Cascadable Amplifier 5 to 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A75 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A75 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A75 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A75 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
5 to 500 MHz
Rev. V3
A75 / SMA75
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
1-600
5-500
5-500
Small Signal Gain (min)
dB
21.0
19.5
19.0
Gain Flatness (max)
dB
±0.2
±0.5
±0.7
Reverse Isolation
dB
25
Noise Figure (max)
dB
2.1
2.7
3.0
Power Output
@ 1 dB comp. (min)
dBm
9.0
8.0
7.0
IP3
dBm
+21
IP2
dBm
+26
Second Order Harmonic IP
dBm
+32
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
24
27
29
Features
 HIGH GAIN: 21.0 dB (TYP.)
 LOW NOISE: 2.1 dB (TYP.)
 MEDIUM OUTPUT LEVEL: +9 dBm (TYP.)
 WIDE POWER SUPPLY RANGE: +5 TO +20 VOLTS
Description
The A75 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Both TO-8 and Surface Mount packages are
hermetically sealed, and MIL-STD-883 environmental screen-
ing is available
.
Product Image
Ordering Information
Part Number
Package
A75
TO-8
SMA75
Surface Mount
CA75**
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+21 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
170ºC/W
Transistor Power Dissipation Pd
0.194 W
Junction Temperature Rise
Above Case Tjc
33ºC
* Over temperature performance limits for part number CA75, guaranteed from 0oC to +50oC only.
**The connectorized version is not RoHs compliant.


Similar Part No. - A75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A75 MACOM-A75 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A75 MACOM-A75 Datasheet
376Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A75 MA-COM-A75 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M-System Co.,Ltd.
A75 MSYSTEM-A75 Datasheet
26Kb / 2P
PANEL MOUNT ADAPTOR
logo
Tyco Electronics
A75-2 MACOM-A75-2 Datasheet
350Kb / 2P
Cascadable Amplifier 5 to 250 MHz
More results

Similar Description - A75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com