Electronic Components Datasheet Search
  English  ▼

X  

A78 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A78
Description  Cascadable Amplifier 5 to 300 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A78 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A78 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A78 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A78 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
5 to 300 MHz
Rev. V3
A78 / SMA78
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
2-350
5-300
5-300
Small Signal Gain (min)
dB
14.0
13.0
12.5
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
17
Noise Figure (max)
dB
3.5
4.5
5.0
Power Output
@ 1 dB comp. (min)
dBm
19.5
18.0
17.5
IP3
dBm
+35
IP2
dBm
+49
Second Order Harmonic IP
dBm
+55
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
65
69
72
Features
 HIGH DYNAMIC RANGE: +114 dB/ 1 MHz
 HIGH OUTPUT: +19.0 dBm (TYP.)
 HIGH THIRD ORDER I.P.: +35 dBm (TYP.)
 LOW NOISE FIGURE: 3.5 dB (TYP.)
Description
The A78 RF amplifier is a discrete thin film hybrid design,
which incorporates the use of thin film manufacturing
processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. An active DC biasing network is used for temperature-
stable performance, in addition to an RF Choke, used for power
supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed,
and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A78
TO-8
SMA78
Surface Mount
CA78**
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+18 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
75ºC/W
Transistor Power Dissipation Pd
0.668 W
Junction Temperature Rise
Above Case Tjc
50ºC
* Over temperature performance limits for part number CA78, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A78

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A78 MACOM-A78 Datasheet
109Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
A78 MACOM-A78 Datasheet
382Kb / 2P
Cascadable Amplifier 5 to 300 MHz
logo
M/A-COM Technology Solu...
A78 MA-COM-A78 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Texas Instruments
A78 TI1-A78 Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
logo
M/A-COM Technology Solu...
A78-SMA78 MA-COM-A78-SMA78 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - A78

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A78 MACOM-A78 Datasheet
109Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
A79 MACOM-A79 Datasheet
112Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
A87-2 MACOM-A87-2 Datasheet
108Kb / 1P
10 TO 300 MHz CASCADABLE AMPLIFIER
A88-1 MACOM-A88-1 Datasheet
358Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A78 MACOM-A78_1 Datasheet
382Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A79 MACOM-A79_1 Datasheet
386Kb / 2P
Cascadable Amplifier 5 to 300 MHz
A87-2 MACOM-A87-2_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 300 MHz
logo
M/A-COM Technology Solu...
A88-1 MA-COM-A88-1 Datasheet
195Kb / 2P
Cascadable Amplifier 5 to 300 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com