Electronic Components Datasheet Search
  English  ▼

X  

A88 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A88
Description  Cascadable Amplifier 5 to 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A88 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A88 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A88 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A88 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
5 to 500 MHz
Rev. V3
A88 / SMA88
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
2-500
5-500
5-500
Small Signal Gain (min)
dB
18.0
17.5
17.0
Gain Flatness (max)
dB
±0.3
±0.5
±0.7
Reverse Isolation
dB
19
Noise Figure (max)
dB
3.5
5.0
5.5
Power Output
@ 1 dB comp. (min)
dBm
20.5
19.5
19.0
IP3
dBm
+30
IP2
dBm
+38
Second Order Harmonic IP
dBm
+41
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
79
83
87
Features
 HIGH GAIN: 18.7 dB (TYP.)
 HIGH OUTPUT POWER: +20.5 dBm (TYP.)
 HIGH THIRD ORDER I.P.: +30 dBm (TYP.)
Description
The A88 RF amplifier is a discrete thin film hybrid design,
which incorporates the use of thin film manufacturing
processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. An active DC biasing network is used for
temperature-stable performance, in addition to an RF Choke,
used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A88
TO-8
SMA88
Surface Mount
CA88 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
120ºC/W
Transistor Power Dissipation Pd
0.742 W
Junction Temperature Rise
Above Case Tjc
89ºC
* Over temperature performance limits for part number CA88, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A88

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A88 MACOM-A88 Datasheet
110Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A88 MACOM-A88 Datasheet
383Kb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A88 MA-COM-A88 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
Digital Image Signal Processor (ISP) for Security Camera System
logo
Tyco Electronics
A88-1 MACOM-A88-1 Datasheet
358Kb / 2P
Cascadable Amplifier 5 to 300 MHz
More results

Similar Description - A88

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
Cascadable Amplifier 5 to 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com