Electronic Components Datasheet Search
  English  ▼

X  

HMC346 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC346
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC346 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC346 Datasheet HTML 1Page - Hittite Microwave Corporation HMC346 Datasheet HTML 2Page - Hittite Microwave Corporation HMC346 Datasheet HTML 3Page - Hittite Microwave Corporation HMC346 Datasheet HTML 4Page - Hittite Microwave Corporation HMC346 Datasheet HTML 5Page - Hittite Microwave Corporation HMC346 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
2 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
2
Outline Drawing
v01.0304
HMC346
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, DC - 20 GHz
1. ALL DIMENSIONS ARE IN INCHES (MILLIMETERS).
2. TYPICAL BOND PAD IS .004” SQUARE.
3. TYPICAL BOND PAD SPACING IS .006” CENTER TO
CENTER EXCEPT AS NOTED.
4. BACKSIDE METALIZATION: GOLD
5. BACKSIDE METAL IS GROUND
6. BOND PAD METALIZATION: GOLD
Pad Number
Function
Description
Interface Schematic
1, 2
RF1 Input,
RF2 Output
This pad is DC coupled and matched to 50 Ohm. Blocking
capacitors are required if RF line potential is not equal to 0V.
3, 6
V2, V1
Control Input (Master).
4
I
Control Input (Slave).
5
500
This pad must be DC grounded.
GND
Die bottom must be connected to RF ground.
Pad Descriptions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com