Electronic Components Datasheet Search
  English  ▼

X  

A181 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A181
Description  Cascadable Amplifier 10 to 250 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A181 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A181 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A181 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A181 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
10 to 250 MHz
Rev. V4
A181 / SMA181
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC*
Frequency
MHz
5-400
10-250
10-250
Small Signal Gain (min)
dB
16.5
15.5
14.5
Gain Flatness (max)
dB
±0.3
±0.7
±0.8
Reverse Isolation
dB
22
Noise Figure (max)
dB
3.8
4.5
5.0
Power Output
@ 1 dB comp. (min)
dBm
22.0
20.0
19.5
IP3
dBm
+35
IP2
dBm
+48
Second Order Harmonic IP
dBm
+54
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.9:1 / 1.9:1
2.1:1 / 2.1:1
DC Current @ 15 Volts (max)
mA
95
104
113
Features
 HIGH REVERSE ISOLATION: 22 dB (TYP.)
 HIGH OUTPUT POWER: +22 dBm (TYP.
 HIGH THIRD ORDER I.P.: +35 dBm (TYP.)
Description
The A181 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. An active DC biasing network insures
temperature-stable performance.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A181
TO-8
SMA181
Surface Mount
CA181 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
85ºC
DC Voltage
+17 V
Continuous Input Power
+15 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
85ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
148ºC/W
Transistor Power Dissipation Pd
0.622 W
Junction Temperature Rise
Above Case Tjc
92ºC
* Over temperature performance limits for part number CA181, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - A181

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A181 MACOM-A181 Datasheet
85Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A181 MACOM-A181 Datasheet
374Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A181 MA-COM-A181 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A181-SMA181 MA-COM-A181-SMA181 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Vishay Siliconix
A18115C0GL5 VISHAY-A18115C0GL5 Datasheet
104Kb / 8P
Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
20-Aug-13
More results

Similar Description - A181

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A83-1 MACOM-A83-1 Datasheet
106Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A70-1 MACOM-A70-1 Datasheet
356Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A70 MACOM-A70_1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A231 MACOM-A231_1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A70 MA-COM-A70 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
EA54 MA-COM-EA54 Datasheet
126Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A181 MA-COM-A181 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com