Electronic Components Datasheet Search
  English  ▼

X  

A515 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # A515
Description  Cascadable Amplifier 10 to 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

A515 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  A515 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. A515 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. A515 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Cascadable Amplifier
10 to 500 MHz
Rev. V1
A515 / SMA515
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Electrical Specifications: Z0 = 50, VCC = +15 VDC
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
3-600
5-500
5-500
Small Signal Gain (min)
dB
27.5
26.5
26.0
Gain Flatness (max)
dB
±0.3
±0.5
±0.8
Reverse Isolation
dB
36
Noise Figure (max)
dB
3.5
4.5
5.0
Power Output
@ 1 dB comp. (min)
dBm
22.0
20.5
20.0
IP3
dBm
+33
IP2
dBm
+44
Second Order Harmonic IP
dBm
+50
VSWR Input / Output (max)
1.4:1 / 1.4:1
1.7:1 / 1.7:1
1.8:1 / 1.8:1
DC Current @ 15 Volts (max)
mA
127
135
140
Features
 HIGH GAIN: 27.5 dB (TYP.)
 LOW NOISE: 3.5 dB (TYP.)
 HIGH OUTPUT POWER: +22 dBm (TYP.)
Description
The A515 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance characteristics over a
broadband frequency range. An active DC biasing network
insures temperature-stable performance
.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A515
TO-8
SMA515
Surface Mount
CA515
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+110ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
150ºC/W
Transistor Power Dissipation Pd
0.36W
Junction Temperature Rise
Above Case Tjc
+55ºC
* Over temperature performance limits for part number CA515, guaranteed from 0oC to +50oC only.


Similar Part No. - A515

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A515 MA-COM-A515 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
A515-SMA515 MA-COM-A515-SMA515 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
MicroPower Direct, LLC
A515ERW MPD-A515ERW Datasheet
187Kb / 2P
Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
A515RU MPD-A515RU Datasheet
175Kb / 2P
Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
More results

Similar Description - A515

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A83 MACOM-A83 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A515 MACOM-A515 Datasheet
405Kb / 2P
Cascadable Amplifier 10 to 500 MHz
PA511 MACOM-PA511 Datasheet
355Kb / 2P
Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
Cascadable Amplifier 10 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com