Electronic Components Datasheet Search
  English  ▼

X  

HMC346C8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC346C8
Description  GaAs MMIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC346C8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC346C8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC346C8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
9 - 62
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC346C8
GaAs MMIC SMT VOLTAGE-
VARIABLE ATTENUATOR, DC - 8 GHz
v00.0504
General Description
Features
Functional Diagram
Wide Bandwidth: DC - 8 GHz
Low Phase Shift vs. Attenuation
30 dB Attenuation Range
Surface Mount Ceramic Package
Electrical Specifications, T
A = +25° C, 50 ohm system
Typical Applications
The HMC346C8 is ideal for:
• Basestation Infrastructure
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military Radios, Radar, & ECM
• Test Instrumentation
The HMC346C8 is an absorptive Voltage Vari-
able Attenuator (VVA) in a non-hermetic surface-
mount ceramic package operating from DC - 8
GHz. It features an on-chip reference attenuator
for use with an external op-amp to provide simple
single voltage attenuation control, 0 to -3V. The
device is ideal in designs where an analog DC
control signal must control RF signal levels over
a 30 dB amplitude range. Applications include
AGC circuits and temperature compensation of
multiple gain stages in microwave radios and test
instrumentation.
Parameter
Min
Typical
Max
Units
Insertion Loss
DC - 6 GHz
DC - 8 GHz
1.9
2.1
2.9
3.1
dB
dB
Attenuation Range
DC - 8 GHz
30
dB
Return Loss
DC - 8 GHz
10
dB
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
2
8
ns
ns
Input Power for 0.25 dB Compression (0.5 - 8 GHz)
Min. Atten.
Atten. >2 dB
+8
-2
dBm
dBm
Input Third Order Intercept (0.5 - 8 GHz)
(Two-tone Input Power = -8 dBm Each Tone)
Min. Atten.
Atten. >2 dB
+25
+10
dBm
dBm


Similar Part No. - HMC346C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346C8 HITTITE-HMC346C8 Datasheet
256Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346C8 HITTITE-HMC346C8_08 Datasheet
256Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
More results

Similar Description - HMC346C8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346G8 HITTITE-HMC346G8 Datasheet
273Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G Datasheet
265Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC121G8 HITTITE-HMC121G8 Datasheet
105Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_06 Datasheet
320Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G_07 Datasheet
316Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC121G8 HITTITE-HMC121G8_01 Datasheet
132Kb / 4P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346C8 HITTITE-HMC346C8_08 Datasheet
256Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_08 Datasheet
226Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G_08 Datasheet
240Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
logo
Analog Devices
HMC346AMS8G AD-HMC346AMS8G Datasheet
898Kb / 4P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com