Electronic Components Datasheet Search
  English  ▼

X  

AMS-162 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AMS-162
Description  Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AMS-162 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AMS-162 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AMS-162 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AMS-162 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AMS-162 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Low Noise Amplifier, 12.5 dB Gain,
10 - 100 MHz
Rev. V5
AM- / AMC- / AMS-162
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 1.1 dB Typical Low Noise Figure @ 50 MHz
 +15 dBm Typical High Output Power @ 50 MHz
+32 dBm Typical Third Order Intercept @ 50 MHz
 Fully Hermetic Package (AM-162, AMS-162)
Description
M/A-COM’s AM-162 is a coupler feedback amplifier
with high intercept and compression points. The use
of coupler feedback minimizes noise figure and
current in a high intercept amplifier. This amplifier is
packaged in a TO-8-1 package, a surface mount
package and a connectorized version. The ground
plane on the PC board should be configured to
remove heat from under the package. AM-162 are
ideally suited for use where a high intercept, high
reliability amplifier is required.
TO-8-1
Pin No.
Function
Pin No.
Function
1
RF OUT
3
RF IN
2
VDC
4
GND
Pin Configuration (For AMS-162)
SF-1
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings 1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Outline Drawing: SMA Connectorized *
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.


Similar Part No. - AMS-162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AMS-162 MACOM-AMS-162 Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AMS-162 MA-COM-AMS-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AMS-162PIN MACOM-AMS-162PIN Datasheet
239Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AMS-162PIN MACOM-AMS-162PIN Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AMS-162PIN MA-COM-AMS-162PIN Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
More results

Similar Description - AMS-162

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-162 MA-COM-AM-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
Low Noise Amplifier, 12.5 dB Gain,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com