Electronic Components Datasheet Search
  English  ▼

X  

HMC346LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC346LP3
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC346LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC346LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC346LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
9 - 78
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
HMC346LP3
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, DC - 14 GHz
v02.0604
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 3, 7, 10, 12
GND
Package bottom has exposed metal paddle that must also be
connected to PCB RF ground.
2, 11
RF1
RF2
This pin is DC coupled and matched to 50 Ohm. Blocking
capacitors are required if the RF line potential is not equal to 0V.
4, 9, 13, 14, 15, 16
N/C
This pin should be connected to PCB RF ground.
5, 8
V2, V1
Control input (master).
6
I
Control input (slave).
External op-amp control circuit maintains impedance match while attenuation is varied. Input control ranges from 0 Volts (min.
attenuation) to -3.0 Volts (max. attenuation.)
Single-Line Control Driver



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com