Electronic Components Datasheet Search
  English  ▼

X  

1060045 Datasheet(PDF) 6 Page - SICK AG

Part # 1060045
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1060045 Datasheet(HTML) 6 Page - SICK AG

  1060045 Datasheet HTML 1Page - SICK AG 1060045 Datasheet HTML 2Page - SICK AG 1060045 Datasheet HTML 3Page - SICK AG 1060045 Datasheet HTML 4Page - SICK AG 1060045 Datasheet HTML 5Page - SICK AG 1060045 Datasheet HTML 6Page - SICK AG 1060045 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DL100-11AA2112 | Dx100
LONG RANGE DISTANCE SENSORS
6
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Brief description
Type
Part no.
Alignment unit for Dx100, incl. mounting material, steel, zinc coated
BEF-AH-DX100
2058653
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1204-G02M
6009382
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 10 m
DOL-1204-G10M
6010543
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: cable
Cable: PROFINET, PVC, shielded, 2 m
STL-1204-G02MZ90
6048247
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: cable
Cable: PROFINET, PVC, shielded, 5 m
STL-1204-G05MZ90
6048248
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: cable
Cable: PROFINET, PVC, shielded, 10 m
STL-1204-G10MZ90
6048249
Reflectors
Reflector plate, reflective tape "Diamond Grade", 665 mm x 665 mm, material base
plate: aluminum, screw connection, Screw-on, 4 hole mounting
PL560DG
1016806



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com