Electronic Components Datasheet Search
  English  ▼

X  

M02050 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02050
Description  Limiting Amplifier for Applications up to 2.5 Gbps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02050 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02050 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02050 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
w
ww
ww
w..m
miin
nd
ds
sp
pe
ee
ed
d..c
co
om
m/
/s
sa
alle
es
so
of
ff
fiic
ce
es
s
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
02050-BRF-001-A
© 2005 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed
logo are trademarks of Mindspeed Technologies. All other trademarks are the property
of their respective owners. Although Mindspeed Technologies strives for accuracy in all
its publications, this material may contain errors or omissions and is subject to change
without notice. This material is provided as is and without any express or implied
warranties, including merchantability, fitness for a particular purpose and
non-infringement. Mindspeed Technologies shall not be liable for any special, indirect,
incidental or consequential damages as a result of its use.
A
Ap
pp
plliic
ca
at
tiio
on
ns
s
• 2.5 Gbps STM-16/OC-48
SDH/SONET
• 1.06, 2.12 Gbps Fibre Channel
• 1.25 Gbps Ethernet
• 2.67 Gbps SDH/SONET with FEC
F
Fe
ea
at
tu
ur
re
es
s
• Operates with a 3.3V (“-14”) or
3.3V/5V (“-15”) supply
• 4 mV maximum input sensitivity at
2.5 Gbps
• CML outputs
• Rate selection for ≤ 1.25 Gbps
operation
• Average receive power monitor
output (RSSIAVG)
O
Or
rd
de
er
riin
ng
g IIn
nf
fo
or
rm
ma
at
tiio
on
n
• M02050-14 3.3V supply
• M02050-15 3.3V/5.5V supply
P
Pr
ro
od
du
uc
ct
t H
Hiig
gh
hlliig
gh
ht
ts
s
the input signal level is monitored by the level detector (which
also outputs the RSSIPP voltage). As described in the RSSIPP
section, this voltage is proportional to the input signal peak
to peak value. The voltage at STSET is internally compared to
the signal level from the level detector. When the level
detector voltage is less than V(STSET), LOS is asserted and
will stay asserted until the input signal level increases by a
predefined amount of hysteresis. When the input level
increases by more than this hysteresis above V(STSET), LOS is
de-asserted.
P
Pe
ea
ak
k-
-t
to
o-
-P
Pe
ea
ak
k R
Re
ec
ce
eiiv
ve
ed
d S
St
tr
re
en
ng
gt
th
h IIn
nd
diic
ca
at
to
or
r ((R
RS
SS
SIIPPPP))
The RSSIPP output voltage is logarithmically proportional to
the peak-to-peak level of the input signal. It is not necessary
to connect an external capacitor to this output. Internally, the
RSSI voltage is compared with a user selectable reference to
determine loss of signal as described in the previous section.
J
Ja
am
m F
Fu
un
nc
ct
tiio
on
n
When asserted, the active high power down (Jam) pin forces
the outputs to a logic “one” state. This ensures that no data
is propagated through the system. The loss of signal detec-
tion circuit can be used to automatically force the data
outputs to a high state when the input signal falls below the
threshold. The function is normally used to allow data to
propagate only when the signal is above the user's bit-error-
rate requirement. It, therefore, inhibits the data outputs
toggling due to noise when there is no signal present
(“squelch”). In order to implement this function, LOS should be
connected to the Jam pin, thus forcing the data outputs to a
logic “one” state when the signal falls below the threshold.
A
Av
ve
er
ra
ag
ge
ed
d R
Re
ec
ce
eiiv
ve
ed
d S
St
tr
re
en
ng
gt
th
h IIn
nd
diic
ca
at
to
or
r ((R
RS
SS
SIIAAVVGG))
The RSSIAVG output current is a mirrored version of the
RxAVGIN current from compatible TIAs. It sources rather than
sinks the current making it compatible with DDMI type inter-
faces.
Biasing
Jam
REF
RATESEL
Output
Buffer
Offset Cancel
Comparator
Vcc
LOS
RSSIPP
PECLN
PECLP
STSET
DINP
DINN
RxAVGIN
RSSIAVG
Level
Detector
Threshold
Setting
Circuit
Level
Shift
VTT
Limiting
Amplifier
M02050 Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com