Electronic Components Datasheet Search
  English  ▼

X  

HMC361 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC361
Description  GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC361 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC361 Datasheet HTML 1Page - Hittite Microwave Corporation HMC361 Datasheet HTML 2Page - Hittite Microwave Corporation HMC361 Datasheet HTML 3Page - Hittite Microwave Corporation HMC361 Datasheet HTML 4Page - Hittite Microwave Corporation HMC361 Datasheet HTML 5Page - Hittite Microwave Corporation HMC361 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MICROWAVE CORPORATION
3 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
3
Pad Number
Function
Description
Interface Schematic
1IN
RF Input 180° out of phase with pad 3 for differential operation.
AC ground for single ended operation.
2
N/C
Not Connected
4, 5, 6
VCC
Supply Voltage 5V ±0.25V can be applied to pad 4, 5, or 6.
3
IN
RF Input must be DC blocked.
7, 11, 12
GND
Ground: These pads are grounded.
8
OUT
Divided Output
9
OUT
Divided output 180° out of phase with pad 8.
GaAs HBT MMIC
DIVIDE-BY-2, DC - 11.0 GHz
HMC361
Pad Description
v03.0404



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com