Electronic Components Datasheet Search
  English  ▼

X  

HMC362 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC362
Description  GaAs HBT MMIC DIVIDE-BY-4, DC - 11.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC362 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC362 Datasheet HTML 1Page - Hittite Microwave Corporation HMC362 Datasheet HTML 2Page - Hittite Microwave Corporation HMC362 Datasheet HTML 3Page - Hittite Microwave Corporation HMC362 Datasheet HTML 4Page - Hittite Microwave Corporation HMC362 Datasheet HTML 5Page - Hittite Microwave Corporation HMC362 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
3 - 8
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
3
HMC362
GaAs HBT MMIC
DIVIDE-BY-4, DC - 11.0 GHz
General Description
Features
Functional Diagram
The HMC362 is a low noise Divide-by-4 Static
Divider with InGaP GaAs HBT technology that
has a small size of 0.686 mm x 1.295 mm. This
device operates from DC (with a square wave
input) to 11 GHz input frequency with a single
+5.0V DC supply. The low additive SSB phase
noise of -149 dBc/Hz at 100 kHz offset helps the
user maintain good system noise performance.
Ultra Low SSB Phase Noise: -149 dBc/Hz
Wide Bandwidth
Output Power: -6 dBm
Single DC Supply: +5V
Small Size: 0.686 mm x 1.295 mm
Typical Applications
Prescaler for DC to X Band PLL Applications:
• Satellite Communication Systems
• Fiber Optic
• Pt-Pt and Pt-MPt Radios
• VSAT
Electrical Specifications, T
A = +25° C, 50 Ohm System,Vcc= 5V
1. Divider will operate down to DC for square-wave input signal.
2. When operated in low power mode (pin 10 floating).
v02.1202
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
11
12
GHz
Minimum Input Frequency
Sine Wave Input. [1]
0.2
0.5
GHz
Input Power Range
Fin = 1 to 8 GHz
-15
>-20
+10
dBm
Fin = 8 to 11 GHz
-10
>-15
+2
dBm
Output Power [2]
Fin = 11 GHz
-9
-6
dBm
Reverse Leakage
Both RF Outputs Terminated
40
dB
SSB Phase Noise (100 kHz offset)
Pin = 0 dBm, Fin = 6 GHz
-149
dBc/Hz
Output Transition Time
Pin = 0 dBm, Fout = 882 MHz
100
ps
Supply Current (Icc) [2]
68
mA


Similar Part No. - HMC362

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC362 HITTITE-HMC362 Datasheet
200Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 11 GHz
HMC362 HITTITE-HMC362 Datasheet
206Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 11 GHz
logo
Micross Components
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
Satellite Communication Systems
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
Point-to-Point and Point-to-Multi-Point Radios
logo
Hittite Microwave Corpo...
HMC362S8G HITTITE-HMC362S8G Datasheet
258Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12.0 GHz
More results

Similar Description - HMC362

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC361 HITTITE-HMC361 Datasheet
201Kb / 6P
GaAs HBT MMIC DIVIDE-BY-2, DC - 11.0 GHz
HMC365 HITTITE-HMC365 Datasheet
205Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC362 HITTITE-HMC362_07 Datasheet
206Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 11 GHz
HMC365 HITTITE-HMC365_07 Datasheet
208Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC365G8 HITTITE-HMC365G8_06 Datasheet
330Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13.0 GHz
HMC365 HITTITE-HMC365_09 Datasheet
193Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
HMC362 HITTITE-HMC362_09 Datasheet
200Kb / 6P
GaAs HBT MMIC DIVIDE-BY-4, DC - 11 GHz
HMC433 HITTITE-HMC433_10 Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
logo
Analog Devices
HMC365G8 AD-HMC365G8 Datasheet
350Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 13 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com