Electronic Components Datasheet Search
  English  ▼

X  

DSS4160FDB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DSS4160FDB
Description  DUAL NPN LOW VCE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS4160FDB Datasheet(HTML) 1 Page - Diodes Incorporated

  DSS4160FDB Datasheet HTML 1Page - Diodes Incorporated DSS4160FDB Datasheet HTML 2Page - Diodes Incorporated DSS4160FDB Datasheet HTML 3Page - Diodes Incorporated DSS4160FDB Datasheet HTML 4Page - Diodes Incorporated DSS4160FDB Datasheet HTML 5Page - Diodes Incorporated DSS4160FDB Datasheet HTML 6Page - Diodes Incorporated DSS4160FDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DSS4160FDB
Datasheet Number: DS37801 Rev.1 - 2
1 of 7
www.diodes.com
December 2015
© Diodes Incorporated
DSS4160FDB
Features
BVCEO > 60V
IC = 1A high Continuous Collector Current
RCE(sat) = 180mΩ for a Low Equivalent On-Resistance
Low Saturation Voltage VCE(sat) < 220mV @ 1A
PD up to 2.47W for power demanding applications
RθJA efficient, 40% lower than SOT26
Low profile 0.6mm high package for thin applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Application
Load Switches
Power Management
Charging Circuits
Power Switches (e.g. Motors, Fans)
Mechanical Data
Case: U-DFN2020-6
Case Material: M
olded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 NiPdAu, Solderable per MIL-STD-202,
Method 208
Weight: 0.0065 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DSS4160FDB-7
2B
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
2B = Product type Marking Code
Y = Year: 0~9
W = Week: A~Z : 1~26 week;
a~z; 27~52 week; z represents
52 and 53 week
X = A~Z: Internal code
60V DUAL NPN LOW VCE(sat) TRANSISTOR
Bottom View
U-DFN2020-6
Device Symbol
Top View
Pin-Out
2B
YWX
e4
C1
B2
E2
E1
B1
C2
1
6
C1
C2
1
2
3
6
5
4


Similar Part No. - DSS4160FDB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS4160DS DIODES-DSS4160DS Datasheet
243Kb / 7P
60V DUAL NPN LOW SATURATION TRANSISTOR IN SOT26
November 2013
DSS4160DS-7 DIODES-DSS4160DS-7 Datasheet
243Kb / 7P
60V DUAL NPN LOW SATURATION TRANSISTOR IN SOT26
November 2013
DSS4160DS DIODES-DSS4160DS_15 Datasheet
243Kb / 7P
60V DUAL NPN LOW SATURATION TRANSISTOR IN SOT26
Rev 1
DSS4160T DIODES-DSS4160T Datasheet
327Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
May 2018
DSS4160T-7 DIODES-DSS4160T-7 Datasheet
327Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
May 2018
More results

Similar Description - DSS4160FDB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD882 TSC-TSD882 Datasheet
49Kb / 3P
Low Vce(sat) NPN Transistor
TSD882S TSC-TSD882S Datasheet
54Kb / 3P
Low Vce(sat) NPN Transistor
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
Low Vce(sat) NPN Transistor
TSD1760 TSC-TSD1760 Datasheet
45Kb / 3P
Low Vce(sat) NPN Transistor
TSD2444 TSC-TSD2444 Datasheet
45Kb / 3P
Low Vce(sat) NPN Transistor
logo
Pan Jit International I...
BCP56-16-AU PANJIT-BCP56-16-AU Datasheet
402Kb / 6P
NPN Low Vce(sat) Transistor
February 15,2019-REV.00
BCX56-16-AU PANJIT-BCX56-16-AU Datasheet
383Kb / 6P
NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBHV8110DH-AU PANJIT-PBHV8110DH-AU Datasheet
383Kb / 6P
NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBHV8110DH PANJIT-PBHV8110DH Datasheet
383Kb / 6P
NPN Low Vce(sat) Transistor
February 15,2019-REV.00
PBSS4232DD PANJIT-PBSS4232DD Datasheet
556Kb / 6P
NPN Low Vce(sat) Transistor
February 4,2020 PBSS4232DD-REV.00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com