Electronic Components Datasheet Search
  English  ▼

X  

DSS5160FDB Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DSS5160FDB
Description  DUAL PNP LOW VCE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS5160FDB Datasheet(HTML) 4 Page - Diodes Incorporated

  DSS5160FDB Datasheet HTML 1Page - Diodes Incorporated DSS5160FDB Datasheet HTML 2Page - Diodes Incorporated DSS5160FDB Datasheet HTML 3Page - Diodes Incorporated DSS5160FDB Datasheet HTML 4Page - Diodes Incorporated DSS5160FDB Datasheet HTML 5Page - Diodes Incorporated DSS5160FDB Datasheet HTML 6Page - Diodes Incorporated DSS5160FDB Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DSS5160FDB
Datasheet Number: DS37619 Rev.1 - 2
4 of 7
www.diodes.com
September 2015
© Diodes Incorporated
DSS5160FDB
Electrical Characteristics
– Q1 & Q2 (@T
A = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-60

V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 11)
BVCEO
-60
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7

V
IE = -100µA
Collector-Base Cutoff Current
ICBO


-100
nA
VCB = -48V, IE = 0
-50
µA
VCB = -48V, IE = 0, TA = +150°C
Emitter-Base Cutoff Current
IEBO
-100
nA
VEB = -5.6V, IC = 0
DC Current Gain (Note 11)
hFE
170



VCE = -2V, IC = -100mA
120


VCE = -2V, IC = -500mA
70


VCE = -2V, IC = -1A
Collector-Emitter Saturation Voltage (Note 11)
VCE(sat)

-180
mV
IC = -500mA, IB = -50mA

-340
IC = -1A, IB = -100mA

-550
IC = -1A, IB = -50mA
Equivalent On-Resistance (Note 11)
RCE(sat)
360
m
Ω
IE = -0.5A, IB = -50mA
Base-Emitter Saturation Voltage (Note 11)
VBE(sat)

-1
V
IC = -0.5A, IB = -50mA

-1.0
IC = -1A, IB = -50mA

-1.1
IC = -1A, IB = -100mA
Base-Emitter Turn-on Voltage (Note 11)
VBE(on)

-0.9
V
VCE = -2V, IC = -0.5A
Transition Frequency
fT
65
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Output Capacitance
Cobo
15
pF
VCB = -10V, f = 1MHz
Turn-On Time
ton
75
ns
VCC = -10V, IC = -0.5A,
IB1 = -IB2 = 25mA
Delay Time
td
35
ns
Rise Time
tr
40
ns
Turn-Off Time
toff
265
ns
Storage Time
ts
230
ns
Fall Time
tf
35
ns
Note:
11. Measured under pulsed conditions. Pulse width
 300µs. Duty cycle 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com