Electronic Components Datasheet Search
  English  ▼

X  

MBR20D150FCT-G Datasheet(PDF) 2 Page - Comchip Technology

Part # MBR20D150FCT-G
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MBR20D150FCT-G Datasheet(HTML) 2 Page - Comchip Technology

  MBR20D150FCT-G Datasheet HTML 1Page - Comchip Technology MBR20D150FCT-G Datasheet HTML 2Page - Comchip Technology MBR20D150FCT-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and characteristic curves (
)
MBR20D45FCT-G Thru. MBR20D200FCT-G
Fig.1 - Forward Current Derating Curve
0
Case Temperature, (°C)
25
175
Fig.2 - Maximum Non-Repetitive
Surge Current
0
Number of Cycles at 60Hz
1
100
50
100
150
Fig.3 - Typical Reverse Characteristics
0.001
Peraent of Rated Peak Reverse
, (%)
Voltage
0
0.01
10
60
50
125
200
250
10
20
10
300
20
40
80
100
0.1
1
15
5
TJ=100°C
TJ=125°C
TJ=25°C
0.1
0.1
1.0
100
0.3
10
0.5
0.7
0.9
1.1
Pulse Width 8.3ms
Single Half-Sine-Wave
JEDEC METHOD
100
75
150
Single phase half wave
60Hz resistive or inductive load
Instantaneous Forward Voltage,(V)
Fig.4 - Typical Forward Characteristics
45FCT-G
Company reserves the right to improve product design , functions and reliability without notice.
Schottky Barrier Rectifiers
Comchip
S M D D i o d e S p e c i a l i s t
QW-BB060
Page 2
REV: A
Comchip Technology CO., LTD.
MBR20D
60FCT-G
MBR20D
80FCT-G
MBR20D
100FCT-G
MBR20D
150FCT-G
MBR20D
200FCT-G
MBR20D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com