Electronic Components Datasheet Search
  English  ▼

X  

M02066 Datasheet(PDF) 13 Page - M/A-COM Technology Solutions, Inc.

Part # M02066
Description  3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066 Datasheet(HTML) 13 Page - M/A-COM Technology Solutions, Inc.

Back Button M02066 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02066 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02066 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02066 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02066 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02066 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02066 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02066 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02066 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Functional Description
02066-DSH-001-D
Mindspeed Technologies
®
11
Preliminary Information / Mindspeed Proprietary and Confidential
There are two safety features integrated into the MPC loop; an Over-Current Alarm and an MPC loop failure alarm.
The Over-Current Alarm (OCA) circuit limits the maximum bias current generated by the M02060. The bias current
limit is set by an external resistor to ground, ROCA. When this limit is exceeded the OCA pin is asserted LOW.
Figure 3-4 shows the maximum bias current limit vs ROCA.
3.5
Safety Logic
Safety logic is provided in order to limit the maximum bias current. The bias current at which the safety logic trips
is set by an external resistor to ground (ROCA) from the OCASET pin. When the bias current limit is reached alarm
flag OCA is asserted LOW. A loop failure alarm is also provided to detect when the bias current can no longer be
adjusted to achieve the desired average optical power.
3.6
Data Input Latch
To minimize input data pattern-dependent jitter, a differential clock signal can be connected to the data input latch.
If CEN is HIGH, the input data is retimed by the rising edge of CLK+. If CEN is LOW, the input data is directly
connected to the output stage. If CEN is left floating it will be pulled HIGH by the internal circuitry. When this latch
function is not used, connect CLK+ to VCC and leave CLK- unconnected.
3.7
Enable Control
The M02066 incorporates a dual laser driver enable function. When ENA is LOW or DIS is HIGH, both the bias
and modulation currents are off. DIS and ENA are available on the M02066 die only, DIS is available on the BCC
package only, ENA is available on the TQPF package.
Figure 3-4.
Typical limiting current vs ROCA (at 25 °C)
0
10
20
30
40
50
60
70
80
90
100
0
10000
20000
30000
40000
R
OCA (Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com