Electronic Components Datasheet Search
  English  ▼

X  

M02066-21 Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # M02066-21
Description  3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02066-21 Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02066-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02066-21 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Functional Description
02066-DSH-001-D
Mindspeed Technologies
®
8
Preliminary Information / Mindspeed Proprietary and Confidential
3.2
Features
•
High speed operation; suitable for applications to 3 Gbps.
•
Typical rise/fall times of 90 ps.
•
DC or AC coupled modulation drive.
•
Differential data and clock inputs to minimize pattern dependent jitter.
•
Independently Programmable Laser Bias and Modulation currents.
•
Bias current to 100 mA and modulation current to 85 mA at VCC = 3.3 V
•
Automatic Laser Power Control, with programmable temperature compensation and ‘Slow-Start’.
•
Bias and modulation current monitor
•
Operates with +3.3 Volt supply
•
Functionally compatible with MAX 3869
•
The M02066-21 and M02066-51 are available in a BCC+24 package. The M02066-82 is available in a TQFP32
package.
•
Available in RoHS compliant packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com