Electronic Components Datasheet Search
  English  ▼

X  

M02139 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02139
Description  1G/10G Gbps TIA with AGC and Rate Select
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02139 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02139 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02139 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
02139-DSH-001-D
Mindspeed Technologies
®
2
Mindspeed Proprietary and Confidential
Typical Eye Diagram
Pad Configuration
Ordering Information
Part Number
Package
Operating Temperature
M02139-13
Waffle Pack
–40 °C to 95 °C
M02139-23
Sawn Quartered Wafer
–40 °C to 95 °C
M02139-33
Expanded whole wafer on a ring
–40 °C to 95 °C
Revision History
Revision
Level
Date
Description
D
Release
August 2011
Added 10G specifications. Added final specifications.
C
Preliminary
March 2011
Removed 10G support and added lower data rate sensitivity performance.
Revised ordering information details.
B
Preliminary
August 2010
Corrected Figure 3-2 and other text edits.
A
Preliminary
April 2010
Initial release.
10.3 Gbps, -15 dBm, 20 mV/div, 16 ps/div
MON
PINA
PINK
VCC
AGC
DOUT
GND
GND
1
2
3
4
56
7
13
14
VCC
DOUT
NC
9
8
10
12
11
NC
Die size
≈ 1242 x 932 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com